Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4857-1YCPZ-R7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADA4857-1YCPZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YCPZ-R7 Fiches technique(HTML) 4 Page - Analog Devices

  ADA4857-1YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4857-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADA4857-1/ADA4857-2
Data Sheet
Rev. D | Page 4 of 21
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time VIN = ±2.5 V, G = 2
10
ns
Output Voltage Swing
High
RL = 1 kΩ
+VS − 1
V
RL = 1 kΩ, TMIN to TMAX
+VS − 1.3
V
RL = 100 Ω
+VS – 1.3
V
RL = 100 Ω, TMIN to TMAX
+VS − 2
V
Low
RL = 1 kΩ
−VS + 1
V
RL = 1 kΩ, TMIN to TMAX
−VS + 1.3
V
RL = 100 Ω
−VS + 1.3
V
RL = 100 Ω, TMIN to TMAX
−VS + 3
V
Output Current
50
mA
Short-Circuit Current
Sinking and sourcing
125
mA
Capacitive Load Drive
30% overshoot, G = 2
10
pF
POWER SUPPLY
Operating Range
4.5
10.5
V
Quiescent Current
5
5.5
mA
Quiescent Current (Power Down) PD ≥ VCC − 2 V
350
450
μA
Positive Power Supply Rejection
+VS = 4.5 V to 5.5 V, −VS = −5 V
−59
−62
dB
Negative Power Supply Rejection +VS = 5 V, −VS = −4.5 V to −5.5 V
−65
−68
dB
+5 V SUPPLY
TA = 25°C, G = 2, RF = RG = 499 Ω, RS = 100 Ω for G = 1 (SOIC), RL = 1 kΩ to midsupply, PD = no connect, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth (LFCSP/SOIC)
G = 1, VOUT = 0.2 V p-p
595
800/750
MHz
G = 1, VOUT = 2 V p-p
500/400
MHz
G = 2, VOUT = 0.2 V p-p
360/300
MHz
Full Power Bandwidth
G = 1, VOUT = 2 V p-p, THD < −40 dBc
95
MHz
Bandwidth for 0.1 dB Flatness
(LFCSP/SOIC)
G = 2, VOUT = 2 V p-p, RL = 150 Ω
50/40
MHz
Slew Rate (10% to 90%)
G = 1, VOUT = 2 V step
1500
V/μs
Settling Time to 0.1%
G = 2, VOUT = 2 V step
15
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion
f = 1 MHz, G = 1, VOUT = 2 V p-p (HD2)
−92
dBc
f = 1 MHz, G = 1, VOUT = 2 V p-p (HD3)
−90
dBc
f = 10 MHz, G = 1, VOUT = 2 V p-p (HD2)
−81
dBc
f = 10 MHz, G = 1, VOUT = 2 V p-p (HD3)
−71
dBc
f = 50 MHz, G = 1, VOUT = 2 V p-p (HD2)
−69
dBc
f = 50 MHz, G = 1, VOUT = 2 V p-p (HD3)
−55
dBc
Input Voltage Noise
f = 100 kHz
4.4
nV/√Hz
Input Current Noise
f = 100 kHz
1.5
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
±1
±4.2
mV
TMIN to TMAX
±6.4
mV
Input Offset Voltage Drift
TMIN to TMAX
4.6
23
μV/°C
Input Bias Current
−1.7
−3.3
μA
TMIN to TMAX
−4.1
μA
Input Bias Offset Current
50
800
nA
Open-Loop Gain
VOUT = 1.25 V to 3.75 V
57
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21