| Moteur de recherche de fiches techniques de composants électroniques |
|
8330-FGF-JB Fiches technique(PDF) 4 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
8330-FGF-JB Fiches technique(HTML) 4 Page - ETAL Group |
|
4 / 6 page ![]() Magnetic and Hydraulic-Magnetic Circuit Breaker 8330-... www.e-t-a.de 2013/14 4 - 4 4 Dimensions – push and push/pull versions 47.09±0.76 37.69±0.508 1.484±.020 1.854±.030 ON OFF 10.16 .400 3/8" 8-32 THD A push-pull push to reset double LOAD LINE tab (Q.C.) 33.12±0.508 single pole Push-Pull actuator Push to reset actuator 1.304±.020 17.27±0.508 .680±.020 flat 39.24±0.508 1.545±.020 5.59±0.76 .200±.030 panel cut-out 47.09±0.76 37.69±0.508 1.484±.020 1.854±.030 ON OFF 10.16 .400 3/8" 8-32 THD LOAD LINE A OFF ON flush snap-in bushing ø15.87 4.11±0.05 .162±.002 Snap-in bushing actuator (shown with push to reset actuator) 5.59±0.76 .200±.030 OFF ON flush 10.16 .400 panel cut-out .625 dia Button marking orientation push-pull only 20 LINE 12.7 / .500 ±0.76 ±.030 OFF 7.11 / .280 ±0.76 ±.030 ON A [mm / inch] flat This is a metric design and millimeter dimensions take precedence ( mm ) inch double single pole Dual colour rocker style Indicate “ON” tab.(QC) terminals 38.86±0.508 1.53±.020 48.26±0.76 1.90±.030 ON OFF LOAD LINE 2.54 9.40 max. .370 max. .100 19.56 .770 9.40±0.38 .370±.015 10.16 .400 42.67±0.508 1.68±.020 LOAD LINE 2.54 9.40 max. .370 max. .100 35.41 1.394 9.40±0.38 .370±.015 10.16 .400 48.26±0.76 1.90±.030 ON OFF single pole Indicate “OFF” double pole OFF ON Rockerguard configuration (panel hardware 9) dimensions also apply to double pole LOAD LINE 7.75±0.508 .305±.020 17.14±0.508 .675±.020 panel cut-out A [mm / inch] 1.57 / .062 35.18+0.130 / 1.385+.005 single pole panel thickness [mm / inch] 2.36 / .093 3.18 / .125 36.07+0.130 / 1.42+.005 37.08+0.130 / 1.46+.005 33.76+0.13 .710+.005 1.329+.005 double pole 18.3+0.13 OFF ON LOAD LINE OFF ON Standard rocker style LOAD LINE 9.14±0.76 .360±.030 flat rocker style LOAD LINE 9.14±0.76 .360±.030 Dimensions – flange mounted version |