Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTR9028 Fiches technique(PDF) 5 Page - Advanced Crystal Technology

No de pièce ACTR9028
Description  SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR9028 Fiches technique(HTML) 5 Page - Advanced Crystal Technology

  ACTR9028 Datasheet HTML 1Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 2Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 3Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 4Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packing Information
Carrier Tape
Reel Dimensions
A
○
C
E
A
ACT. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.



Html Pages

1 2 3 4 5