Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMX9820 Fiches technique(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMX9820
Description  Bluetooth Serial Port Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 Fiches technique(HTML) 26 Page - National Semiconductor (TI)

Back Button LMX9820 Datasheet HTML 22Page - National Semiconductor (TI) LMX9820 Datasheet HTML 23Page - National Semiconductor (TI) LMX9820 Datasheet HTML 24Page - National Semiconductor (TI) LMX9820 Datasheet HTML 25Page - National Semiconductor (TI) LMX9820 Datasheet HTML 26Page - National Semiconductor (TI) LMX9820 Datasheet HTML 27Page - National Semiconductor (TI) LMX9820 Datasheet HTML 28Page - National Semiconductor (TI) LMX9820 Datasheet HTML 29Page - National Semiconductor (TI) LMX9820 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
www.national.com
26
12.0 Command Interface (Continued)
Table 33. Bluetooth Low Power Modes
Command
Event
Description
Set Default Link Policy
Set Default Link Policy Confirm
Defines the link policy used for any incoming
or outgoing link.
Get Default Link Policy
Get Default Link Policy Confirm
Returns the stored default link policy
Set Link Policy
Set Link Policy Confirm
Defines the modes allowed for a specific link
Get Link Policy
Get Link Policy Confirm
Returns the actual link policy for the link
Enter Sniff Mode
Enter Sniff Mode Confirm
Exit Sniff Mode
Exit Sniff Mode Confirm
Enter Park Mode
Enter Park Mode Confirm
Enter Hold Mode
Enter Hold Mode Confirm
Power Save Mode Changed
Remote device changed power save mode
on the link
Table 34. Wake Up Functionality
Command
Event
Description
Disable Transport Layer
Transport Layer Enabled
Disabling the UART Transport Layer and
activates the Hardware Wakeup function
Table 35. SPP Port Configuration and Status
Command
Event
Description
Set Port Config
Set Port Config Confirm
Set port setting for the “virtual” serial port link
over the air
Get Port Config
Get Port Config Confirm
Read the actual port settings for a “virtual”
serial port
Port Config Changed
Notification if port settings were changed
from remote device
SPP Get Port Status
SPP Get Port Status Confirm
Returns status of DTR, RTS (for the active
RFComm link)
SPP Port Set DTR
SPP Port Set DTR Confirm
Sets the DTR bit on the specified link
SPP Port Set RTS
SPP Port Set RTS Confirm
Sets the RTS bit on the specified link
SPP Port BREAK
SPP Port BREAK
Indicates that the host has detected a break
SPP Port Overrun Error
SPP Port Overrun Error Confirm
Used to indicate that the host has detected an
overrun error
SPP Port Parity Error
SPP Port Parity Error Confirm
Host has detected a parity error
SPP Port Framing Error
SPP Port Framing Error Confirm
Host has detected a framing error
SPP Port Status Changed
Indicates that remote device has changed
one of the port status bits
Table 36. Local Bluetooth Settings
Command
Event
Description
Read Local Name
Read Local Name Confirm
Read actual friendly name of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40