Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4891-4ARUZ-R7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADA4891-4ARUZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4891-4ARUZ-R7 Fiches technique(HTML) 3 Page - Analog Devices

  ADA4891-4ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-4ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. F | Page 3 of 24
REVISION HISTORY
9/15—Rev. E to Rev. F
Changes to Features ..........................................................................1
Moved Revision History Section.....................................................3
Changes to Table 1 ............................................................................4
Changes to Table 2 ............................................................................5
Changes to Figure 7 and Figure 10 .................................................8
Changes to Figure 15 and Figure 18 ...............................................9
Changes to Figure 19, Figure 21, and Figure 22..........................10
Changes to Figure 25 and Figure 29 .............................................11
Changes to Figure 32, Figure 33, and Figure 36..........................12
Change to Figure 47........................................................................14
Changes to Ordering Guide...........................................................24
Change to Automotive Products Section.....................................24
3/13—Rev. D to Rev. E
Change to Features Section..............................................................1
Changes to DC Performance Parameter, Table 1..........................3
Changes to DC Performance Parameter, Table 2..........................4
Changes to Ordering Guide...........................................................23
Changes to Automotive Products Section ...................................23
3/12—Rev. C to Rev. D
Added ADA4891-1W and ADA4891-2W........................Universal
Changes to Features Section and Applications Section ...............1
Changes to Input Offset Voltage, Input Bias Current, and Open-
Loop Gain Parameters, Table 1........................................................4
Changes to Input Offset Voltage, Input Bias Current, and Open-
Loop Gain Parameters, Table 2........................................................5
Changes to Ordering Guide...........................................................23
Added Automotive Products Section ...........................................23
9/10—Rev. B to Rev. C
Changes to Figure 23 and Figure 24 ...............................................9
7/10—Rev. A to Rev. B
Added ADA4891-3 and ADA4891-4 ............................... Universal
Added 14-Lead SOIC and 14-Lead TSSOP Packages ... Universal
Deleted Figure 4; Renumbered Figures Sequentially ...................1
Changes to Features Section and General Description Section..1
Added Figure 4 and Figure 5 ...........................................................1
Changes to Table 1 ............................................................................3
Changes to Table 2 ............................................................................4
Changes to Maximum Power Dissipation Section
and Figure 6 .......................................................................................6
Added Table 4; Renumbered Tables Sequentially.........................6
Deleted Figure 11 ..............................................................................6
Changes to Typical Performance Characteristics Section ...........7
Deleted Figure 12 ..............................................................................7
Changes to Wideband, Noninverting Gain Operation Section,
Wideband, Inverting Gain Operation Section, and Table 5......15
Added Table 6..................................................................................16
Changes to Figure 52 ......................................................................16
Added Figure 53..............................................................................16
Changed Layout of Driving Capacitive Loads Section ..............17
Added Disable Feature (ADA4891-3 Only) Section
and Single-Supply Operation Section ..........................................18
Added Multiplexer Section ............................................................19
Updated Outline Dimensions........................................................21
Changes to Ordering Guide...........................................................23
6/10—Rev. 0 to Rev. A
Changes to Figure 26 ........................................................................9
Changes to Figure 33 and Figure 34 .............................................10
Updated Outline Dimensions........................................................18
Changes to Ordering Guide...........................................................18
2/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24