Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9171 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 9171
Description  Single and dual output models with up to 210W output power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

9171 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  9171 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
2
Bright display showing
both measured output
value and set value
Vertical and horizantal cursors
make studying UUT response
to small voltage or current
changes easy
Direct-entry numeric keypad
to set precise voltage and
current values
Front panel remote sense terminal
(all single channel models except 9184 and 9185)
High voltage models come with special binding posts
engineered for maximum safety
Individual output on/off buttons
for each output channel
Dedicated indicators for
important safety functions
Front panel
Rear panel
Standard
USB interface
Intelligent temperature-controlled,
low noise cooling fan
Rear panel output
and remote sense
terminals
Modular interface card slots
Only buy what you need, when you need it. Pick and
choose from up to 4 different types of interface cards
to install at time of purchase or upgrade later.
Interface card options include: LAN and GPIB,
Digital I/O and Analog Control, RS485, or RS232.
Installation is quick and easy and does not require
opening the instrument case (does not void warranty).
Dual channel models
High voltage models



Html Pages

1 2 3 4 5 6