Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4940-2ACPZ-R2 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADA4940-2ACPZ-R2
Description  Ultralow Power, Low Distortion, Fully Differential ADC Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4940-2ACPZ-R2 Fiches technique(HTML) 3 Page - Analog Devices

  ADA4940-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4940-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. D | Page 3 of 30
REVISION HISTORY
5/2016—Rev. C to Rev. D
Changes to Figure 1...........................................................................1
Deleted Figure 2.................................................................................1
Added Figure 2; Renumbered Sequentially ...................................1
Updated Outline Dimensions........................................................29
Changes to Ordering Guide...........................................................30
9/2013—Rev. B to Rev. C
Updated Outline Dimensions........................................................30
Changes to Ordering Guide...........................................................31
3/2012—Rev. A to Rev. B
Reorganized Layout ........................................................... Universal
Added ADA4940-1 8-Lead SOIC Package ..................... Universal
Changes to Features Section, Table 1, and Figure 1; Replaced
Figure 2 ...............................................................................................1
Changed VS = ±2 V(or +5 V) Section to VS = +5 V Section .......3
Changes to VS = +5 V Section and Table 3 ....................................3
Changes to Table 4 and Table 5 .......................................................4
Changes to VS = 3 V Section and Table 6.......................................5
Changes to Table 7 and Table 8 .......................................................6
Added Figure 5 and Table 12, Renumbered Sequentially ............9
Changes to Figure 7, Figure 8, and Figure 9 ................................10
Added Figure 15 and Figure 18; Changes to Figure 13,
Figure 14, and Figure 16 .................................................................11
Changes to Figure 19 and Figure 20 .............................................12
Changes to Figure 25, Figure 26, and Figure 27; Added
Figure 28, Figure 29, and Figure 30 ..............................................13
Changes to Figure 31, Figure 32, Figure 33, Figure 34, Figure 35,
and Figure 36 ...................................................................................14
Changes to Figure 37, Figure38, Figure 39, and Figure 41 ........15
Changes to Figure 49, Figure 50, and Figure 51..........................17
Added Figure 55 and Figure 57 .....................................................18
Changes to Differential VOS, Differential CMRR, and VOCM
CMRR Section .................................................................................20
Changes to Calculating the Input Impedance of an Application
Circuit Section.................................................................................23
Changes to Figure 71 ......................................................................25
Changes to Driving a High Precision ADC Section and
Figure 73...........................................................................................26
Changed ADA4940-1 Example Section to ADA4940-1 LFCSP
Example Section ..............................................................................27
Changes to Ordering Guide...........................................................29
12/2011—Rev. 0 to Rev. A
Changes to Features Section, General Description Section, and
Table 1.................................................................................................1
Replaced Figure 1 and Figure 2 .......................................................1
Changes to VS = ±2.5 V (or +5 V) Section and Table 3 ...............3
Changes to Table 6 ............................................................................5
Replaced Figure 7, Figure 8, Figure 9, and Figure 10 ...................9
Replaced Figure 14, Figure 15, and Figure 17 .............................10
Replaced Figure 24 and Figure 27.................................................12
Changes to Figure 37 ......................................................................14
Replaced Figure 43 and Figure 46.................................................15
Replaced Figure 53..........................................................................18
Changes to Estimating the Output Noise Voltage Section, Table 14,
Table 15, and Calculating the Input Impedance of an Application
Circuit Section.................................................................................21
Changes to Input Common-Mode Voltage Range Section .......22
Changes to Driving a High Precision ADC Section and
Figure 65...........................................................................................24
10/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30