Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC1040LP3CE Fiches technique(PDF) 4 Page - Analog Devices

No de pièce HMC1040LP3CE
Description  Industrial Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

HMC1040LP3CE Fiches technique(HTML) 4 Page - Analog Devices

  HMC1040LP3CE Datasheet HTML 1Page - Analog Devices HMC1040LP3CE Datasheet HTML 2Page - Analog Devices HMC1040LP3CE Datasheet HTML 3Page - Analog Devices HMC1040LP3CE Datasheet HTML 4Page - Analog Devices HMC1040LP3CE Datasheet HTML 5Page - Analog Devices HMC1040LP3CE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC1040LP3CE
v00.0112
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 24 - 43.5 GHz
Absolute Maximum Ratings
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
Drain Bias Voltage
+4V
rf input power
+5 dBm
Channel Temperature
175 °C
Continuous pdiss (T = 85 °C)
(derate 5.46 mW/°C above 85 °C)
0.49 w
Thermal resistance
(Channel to ground paddle)
183 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
esD sensitivity (HBm)
Class 0, 100 V
Current vs. Input Power @ 33 GHz
Outline Drawing
NoTes:
1. pACKAGe BoDY mATeriAl: low sTress iNJeCTioN molDeD
plAsTiC siliCA AND siliCoN impreGNATeD.
2. leAD AND GroUND pADDle mATeriAl: Copper AlloY.
3. leAD AND GroUND pADDle plATiNG: 100% mATTe TiN
4. DimeNsioNs Are iN iNCHes [millimeTers].
5. leAD spACiNG TolerANCe is NoN-CUmUlATiVe.
6. pAD BUrr leNGTH sHAll Be 0.15mm mAX. pAD BUrr HeiGHT sHAll
Be 0.05mm mAX.
7. pACKAGe wArp sHAll NoT eXCeeD 0.05mm
8. All GroUND leADs AND GroUND pADDle mUsT Be solDereD To
pCB rf GroUND.
9. refer To HiTTiTe AppliCATioN NoTe for sUGGesTeD pCB lAND
pATTerN.
66
68
70
72
74
76
78
80
-15 -14 -13 -12 -11 -10 -9
-8
-7
-6
-5
-4
-3
-2
Idd
INPUT POWER (dBm)
Part Number
package Body material
lead finish
msl rating
package marking [2]
HmC1040lp3Ce
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[1]
H1040
XXXX
[1] max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
Package Information
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6