| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4927-2YCPZ-R2 Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4927-2YCPZ-R2 Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 25 page ![]() ADA4927-1/ADA4927-2 Data Sheet Rev. B | Page 4 of 25 VOCM to VOUT,cm Performance Table 2. Parameter Test Conditions/Comments Min Typ Max Unit VOCM DYNAMIC PERFORMANCE Small Signal −3 dB Bandwidth VOUT, cm = 100 mV p-p 1300 MHz Slew Rate VIN = −1.0 V to +1.0 V, 25% to 75% 1000 V/µs Input Voltage Noise (RTI) f = 100 kHz 15 nV/√Hz VOCM INPUT CHARACTERISTICS Input Voltage Range ±3.5 V Input Resistance 3.8 5.0 7.5 kΩ Input Offset Voltage VOS, cm = VOUT, cm, VDIN+ = VDIN− = +VS/2 −10 −2 +5.2 mV VOCM CMRR ΔVOUT, dm/ΔVOCM, ΔVOCM = ±1 V −70 −97 dB Gain ΔVOUT, cm/ΔVOCM, ΔVOCM = ±1 V 0.90 0.97 1.00 V/V General Performance Table 3. Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLY Operating Range 4.5 11.0 V Quiescent Current per Amplifier 20.0 22.1 mA tMIN to tMAX variation ±9.0 µA/°C Powered down 2.4 mA Power Supply Rejection Ratio ΔVOUT, dm/ΔVS, ΔVS = 1 V −70 −89 dB POWER-DOWN (PD) PD Input Voltage Powered down <1.8 V Enabled >3.2 V Turn-Off Time To 0.1% 15 µs Turn-On Time To 0.1% 400 ns PD Pin Bias Current per Amplifier Enabled PD = 5 V −2 +2 µA Disabled PD = 0 V −110 −90 µA OPERATING TEMPERATURE RANGE −40 +105 °C |