Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8429ARZ-R7 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD8429ARZ-R7
Description  1 nV/?숰z Low Noise Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8429ARZ-R7 Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD8429ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD8429
Rev. 0 | Page 13 of 20
5V/DIV
10µs/DIV
5.04µs TO 0.01%
6.96µs TO 0.001%
TIME (µs)
0.002%/DIV
Figure 34. Large Signal Pulse Response and Settling Time (G = 1000),
10 V Step, VS = ±15 V
G = 1
1µs/DIV
50mV/DIV
Figure 35. Small Signal Response (G = 1), RL = 10 kΩ, CL = 100 pF
20mV/DIV
G = 10
1µs/DIV
Figure 36. Small Signal Response (G = 10), RL = 10 kΩ, CL = 100 pF
20mV/DIV
G = 100
1µs/DIV
Figure 37. Small Signal Response (G = 100), RL = 10 kΩ, CL = 100 pF
20mV/DIV
G = 1000
10µs/DIV
Figure 38. Small Signal Response (G = 1000), RL = 10 kΩ, CL = 100 pF
G = 1
1µs/DIV
50mV/DIV
NO LOAD
CL = 100pF
CL = 147pF
Figure 39. Small Signal Response with Various Capacitive Loads (G = 1),
RL = Infinity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21