| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8426BCPZ-R7 Fiches technique(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8426BCPZ-R7 Fiches technique(HTML) 29 Page - Analog Devices |
|
29 / 29 page ![]() AD8426 Rev. 0 | Page 28 of 28 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MO-263-VBBC 3.75 BCS SQ 4.00 BSC SQ 0.65 BSC 0.75 0.60 0.50 TOP VIEW 12° MAX 0.80 MAX 0.65 TYP SEATING PLANE PIN 1 INDICATOR COPLANARITY 0.08 1.00 0.85 0.80 0.35 0.30 0.25 0.05 MAX 0.02 NOM 0.20 REF BOTTOM VIEW 0.60 MAX 0.60 MAX 1.95 REF SQ 1 16 5 8 9 12 13 4 Figure 73. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 4 mm × 4 mm Body, Very Thin Quad, with Hidden Paddle (CP-16-19) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range Package Description Package Option AD8426ACPZ-R7 −40°C to +125°C 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-16-19 AD8426ACPZ-WP −40°C to +125°C 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-16-19 AD8426BCPZ-R7 −40°C to +125°C 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-16-19 AD8426BCPZ-WP −40°C to +125°C 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] CP-16-19 1 Z = RoHS Compliant Part. ©2011 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D09490-0-7/11(0) |