| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8223BRM-R7 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8223BRM-R7 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 21 page ![]() Single-Supply, Low Cost Instrumentation Amplifier AD8223 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2008 Analog Devices, Inc. All rights reserved. FEATURES Gain set with 1 resistor Gain = 5 to 1000 Inputs Voltage range to 150 mV below negative rail 25 nA maximum input bias current 30 nV/√Hz, RTI noise @ 1 kHz Power supplies Dual supply: ±2 V to ±12 V Single supply: 3 V to 24 V 500 μA maximum supply current APPLICATIONS Low power medical instrumentation Transducer interface Thermocouple amplifiers Industrial process controls Difference amplifiers Low power data acquisition CONNECTION DIAGRAM –RG 1 –IN 2 +IN 3 –VS 4 +RG 8 +VS 7 OUT 6 REF 5 – + AD8223 Figure 1. 8-Lead SOIC (R) and 8-Lead MSOP (RM) Packages Table 1. Instrumentation Amplifiers by Category General- Purpose Zero Drift Mil Grade Low Power High Voltage PGA AD82201 AD82311 AD620 AD6271 AD8250 AD8221 AD85531 AD621 AD6231 AD8251 AD8222 AD85551 AD524 AD8223 AD8253 AD82241 AD85561 AD526 AD8228 AD85571 AD624 1 Rail-to-rail output. GENERAL DESCRIPTION The AD8223 is an integrated single-supply instrumentation amplifier that delivers rail-to-rail output swing on a single supply (3 V to 24 V). The AD8223 conforms to the 8-lead industry standard pinout configuration. The AD8223 is simple to use: one resistor sets the gain. With no external resistor, the AD8223 is configured for G = 5. With an external resistor, the AD8223 can be programmed for gains up to 1000. The AD8223 has a wide input common-mode range and can amplify signals that have a 150 mV common-mode voltage below ground. Although the design of the AD8223 is optimized to operate from a single supply, the AD8223 still provides excellent performance when operated from a dual voltage supply (±2 V to ±12 V). Low power consumption (1.5 mW at 3 V), wide supply voltage range, and rail-to-rail output swing make the AD8223 ideal for battery-powered applications. The rail-to-rail output stage maximizes the dynamic range when operating from low supply voltages. The AD8223 replaces discrete instrumentation amplifier designs and offers superior linearity, temperature stability, and reliability in a minimum of space. |
Numéro de pièce similaire - AD8223BRM-R7 |
|
Description similaire - AD8223BRM-R7 |