| Moteur de recherche de fiches techniques de composants électroniques |
|
LM6321M Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM6321M Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 10 page ![]() Connection Diagrams Plastic DIP DS009223-2 *Heat-sinking pins. See Application section on heat sinking requirements. Order Number LM6221N, LM6321N or LM6121J/883 See NS Package Number J08A or N08E Metal Can DS009223-3 Note: Pin 6 connected to case. Top View Order Number LM6221H or LM6121H/883 See NS Package Number H08C Plastic SO DS009223-7 *Pin 3 must be connected to the negative supply. **Heat-sinking pins. See Application section on heat-sinking requirements. These pins are at V− potential. Order Number LM6321M See NS Package Number M14A www.national.com 2 |