| Moteur de recherche de fiches techniques de composants électroniques |
|
P83C366BDR Fiches technique(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDR Fiches technique(HTML) 36 Page - NXP Semiconductors |
|
36 / 92 page ![]() 1999 Mar 10 36 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family Fig.19 Block diagram of a typical 7-bit PWM circuit. handbook, full pagewidth MGL398 Port data I/O internal data bus Port/PWMn 7-BIT PWM DATA LATCH PWMnE 7-BIT DAC PWM CONTROLLER Q fosc 4 Fig.20 Example of 7-bit PWM output patterns. handbook, full pagewidth 128 1 2 3 m m + 1m + 2 127 128 1 00 01 m 127 decimal value PWM data latch MGL290 fosc 4 |