Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P87C51RB2BA Fiches technique(PDF) 49 Page - NXP Semiconductors

No de pièce P87C51RB2BA
Description  80C51 Central Processing Unit
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RB2BA Fiches technique(HTML) 49 Page - NXP Semiconductors

Back Button P87C51RB2BA Datasheet HTML 45Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 46Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 47Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 48Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 49Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 50Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 51Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 52Page - NXP Semiconductors P87C51RB2BA Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Philips Semiconductors
Product data
P87C51RA2/RB2/RC2/RD2
80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP
with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high
speed (30/33 MHz)
2003 Jan 24
49
AC ELECTRICAL CHARACTERISTICS (6-CLOCK MODE, 2.7 V TO 5.5 V OPERATION)
Tamb = 0 °C to +70 °C or –40 °C to +85 °C ; VCC=2.7 V to 5.5 V, VSS = 0 V1,2,3,4,5
Symbol
Figure
Parameter
Limits
16 MHz Clock
Unit
MIN
MAX
MIN
MAX
1/tCLCL
38
Oscillator frequency
0
16
MHz
tLHLL
34
ALE pulse width
tCLCL–10
52.5
ns
tAVLL
34
Address valid to ALE low
0.5 tCLCL –15
16.25
ns
tLLAX
34
Address hold after ALE low
0.5 tCLCL –25
6.25
ns
tLLIV
34
ALE low to valid instruction in
2 tCLCL –55
70
ns
tLLPL
34
ALE low to PSEN low
0.5 tCLCL –15
16.25
ns
tPLPH
34
PSEN pulse width
1.5 tCLCL –15
78.75
ns
tPLIV
34
PSEN low to valid instruction in
1.5 tCLCL –55
38.75
ns
tPXIX
34
Input instruction hold after PSEN
0
0
ns
tPXIZ
34
Input instruction float after PSEN
0.5 tCLCL –10
21.25
ns
tAVIV
34
Address to valid instruction in
2.5 tCLCL –50
101.25
ns
tPLAZ
34
PSEN low to address float
10
10
ns
Data Memory
tRLRH
35
RD pulse width
3 tCLCL –25
162.5
ns
tWLWH
36
WR pulse width
3 tCLCL –25
162.5
ns
tRLDV
35
RD low to valid data in
2.5 tCLCL –50
106.25
ns
tRHDX
35
Data hold after RD
0
0
ns
tRHDZ
35
Data float after RD
tCLCL –20
42.5
ns
tLLDV
35
ALE low to valid data in
4 tCLCL –55
195
ns
tAVDV
35
Address to valid data in
4.5 tCLCL –50
231.25
ns
tLLWL
35, 36
ALE low to RD or WR low
1.5 tCLCL –20
1.5 tCLCL +20
73.75
113.75
ns
tAVWL
35, 36
Address valid to WR low or RD low
2 tCLCL –20
105
ns
tQVWX
36
Data valid to WR transition
0.5 tCLCL –30
1.25
ns
tWHQX
36
Data hold after WR
0.5 tCLCL –20
11.25
ns
tQVWH
36
Data valid to WR high
3.5 tCLCL –10
208.75
ns
tRLAZ
35
RD low to address float
0
0
ns
tWHLH
35, 36
RD or WR high to ALE high
0.5 tCLCL –15
0.5 tCLCL +15
16.25
46.25
ns
External Clock
tCHCX
38
High time
0.4 tCLCL
tCLCL – tCLCX
ns
tCLCX
38
Low time
0.4 tCLCL
tCLCL – tCHCX
ns
tCLCH
38
Rise time
5
ns
tCHCL
38
Fall time
5
ns
Shift register
tXLXL
37
Serial port clock cycle time
6 tCLCL
375
ns
tQVXH
37
Output data setup to clock rising edge
5 tCLCL –25
287.5
ns
tXHQX
37
Output data hold after clock rising edge
tCLCL –15
47.5
ns
tXHDX
37
Input data hold after clock rising edge
0
0
ns
tXHDV
37
Clock rising edge to input data valid6
5 tCLCL –133
179.5
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN=100 pF, load capacitance for all outputs = 80 pF
3. Interfacing the microcontroller to devices with float time up to 45ns is permitted. This limited bus contention will not cause damage to port 0
drivers.
4. Parts are guaranteed by design to operate down to 0 Hz.
5. Data shown in the table are the best mathematical models for the set of measured values obtained in tests. If a particular parameter
calculated at a customer specified frequency has a negative value, it should be considered equal to zero.
6. Below 16 MHz this parameter is 4 tCLCL – 133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com