| Moteur de recherche de fiches techniques de composants électroniques |
|
HM78 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HM78 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 7 page ![]() 6-142 Model HM78 Series OUTLINE DIMENSIONS (Inch/mm) I J G K Solder Mask C Max. F D A Max. B Max. A Max. B Max. Recommended Solder Pad Layout H I H Recommended Solder Pad Layout E F D E C Max. A Max. B Max. G .291 7.40 .291 7.40 .295 7.50 .295 7.50 .492 12.5 .492 12.5 .492 12.5 A 1 1 2 2 3 3 3 Figure 10 20 30 40 45 50 60 Case Size .291 7.40 .291 7.40 .295 7.50 .295 7.50 .492 12.5 .492 12.5 .492 12.5 B .150 3.80 .205 5.20 .138 3.50 .177 4.50 .177 4.50 .244 6.20 .315 8.00 C .079 2.00 .079 2.00 .079 2.00 .079 2.00 .197 5.00 .197 5.00 .197 5.00 D .035 0.85 0.35 0.85 .043 1.10 .043 1.10 .079 2.00 .079 2.00 .079 2.00 E .220 5.60 .220 5.60 .200 5.08 .200 5.08 .299 7.60 .299 7.60 .299 7.60 F .256 6.50 .256 6.50 .248 6.30 .248 6.30 .394 10.0 .394 10.0 .394 10.0 G .118 3.0 .118 3.00 .118 3.00 .118 3.00 .236 6.00 .236 6.00 .236 6.00 H .075 1.91 .075 1.91 .075 1.91 .075 1.91 .118 3.0 .118 3.0 .118 3.0 I .177 4.50 .177 4.50 .276 7.00 .276 7.00 .276 7.00 J .413 10.5 .413 10.5 .710 18.0 .710 18.0 .710 18.0 K C Max. F E D Figure 1 Figure 2 Figure 3 |