| Moteur de recherche de fiches techniques de composants électroniques |
|
8201 Fiches technique(PDF) 1 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
8201 Fiches technique(HTML) 1 Page - Mallory performance club |
|
1 / 2 page ![]() MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 57 - 5 20 0 • F AX ( 91 5 ) 8 57 - 33 4 4 MSD Pro Power Coil PN 8201 Pro Power Coil Mounting Template. This Coil is designed for use with an MSD 7AL-2, PN 7220, 7AL-2 Plus, PN 7222, the 7AL- 3, PN 7230 and MSD 8 Igni- tions only. Note: Do not connect to an MSD 6 Series or Digital Series Ignition Con- trol. Use the template to the right for help in mounting the coil with the supplied vibration mounts. PRIMARY WIRE ROUTING The primary terminals of the Pro Power Coil are located on the front of the coil. These wires must be routed away from the secondary terminal (coil tower) to prevent the chance of a misfire. Figure 1 shows the correct routing of the wires. Figure 1 Primary Coil Wire Routing CAUTION: Due to some printer settings, it is recommended to compare the document to the actual part dimensions before drilling holes! Parts Included: 1 - Pro Power Coil 3 - Vibration Mounts CORRECT INCORRECT ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product will help if there is ever a warranty issue with your product and helps the MSD R&D team create new products that you ask for! Go to www.msdperformance.com/registration. |
Numéro de pièce similaire - 8201 |
|
Description similaire - 8201 |