Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC557ALC4TR-R5 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce HMC557ALC4TR-R5
Description  24-terminal ceramic leadless chip carrier package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

HMC557ALC4TR-R5 Fiches technique(HTML) 22 Page - Analog Devices

Back Button HMC557ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
HMC557A
Data Sheet
Rev. C | Page 22 of 23
APPLICATIONS INFORMATION
Figure 83. Evaluation Printed Circuit Board (PCB)
Table 5. List of Materials for Evaluation PCB
EV1HMC557ALC41
Item
Description
J1, J2, J3
Johnson SMA connector
U1
HMC557ALC4 mixer
PCB2
118703 evaluation PCB3
1
Reference this number when ordering the complete evaluation PCB.
2
The circuit board material is Rogers 4350.
3
This is the bare PCB of the evaluation PCB kit (see Figure 83).
It is recommended that the application circuit board use RF circuit
design techniques. Use signal lines with a 50 Ω impedance, and
connect the package ground leads and exposed pad directly to
the ground plane. Use a sufficient number of via holes to connect
the top and bottom ground planes. The evaluation circuit board
shown in Figure 83 is available from Analog Devices, Inc., upon
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23