Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM613 Fiches technique(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM613
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613 Fiches technique(HTML) 16 Page - National Semiconductor (TI)

Back Button LM613 Datasheet HTML 12Page - National Semiconductor (TI) LM613 Datasheet HTML 13Page - National Semiconductor (TI) LM613 Datasheet HTML 14Page - National Semiconductor (TI) LM613 Datasheet HTML 15Page - National Semiconductor (TI) LM613 Datasheet HTML 16Page - National Semiconductor (TI) LM613 Datasheet HTML 17Page - National Semiconductor (TI) LM613 Datasheet HTML 18Page - National Semiconductor (TI) LM613 Datasheet HTML 19Page - National Semiconductor (TI) LM613 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information (Continued)
Understanding that V
r is fixed and that voltage sources, re-
sistors, and capacitors may be tied to the FEEDBACK pin, a
range of V
r temperature coefficients may be synthesized.
Connecting a resistor across Cathode-to-FEEDBACK cre-
ates a 0 TC current source, but a range of TCs may be
synthesized.
DS009226-33
R1 = Vr/I = 1.24/32µ = 39k
R2 = R1 {(Vro/Vr) − 1} = 39k {(5/1.24) − 1)} = 118k
FIGURE 5. Resistors R1 and R2 Program Reference
Output Voltage to be 5V
DS009226-34
FIGURE 6. Output Voltage has Negative Temperature
Coefficient (TC) if R2 has Negative TC
DS009226-35
FIGURE 7. Output Voltage has Positive TC
if R1 has Negative TC
DS009226-36
FIGURE 8. Diode in Series with R1 Causes Voltage
Across R1 and R2 to be Proportional to Absolute
Temperature (PTAT)
DS009226-37
I = Vr/R1 = 1.24/R1
FIGURE 9. Current Source is Programmed by R1
DS009226-38
FIGURE 10. Proportional-to-Absolute-Temperature
Current Source
DS009226-39
FIGURE 11. Negative-TC Current Source
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22