Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM611AMJ/883 Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM611AMJ/883
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611AMJ/883 Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button LM611AMJ/883 Datasheet HTML 6Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 7Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 8Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 9Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 10Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 11Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 12Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 13Page - National Semiconductor (TI) LM611AMJ/883 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Distributions
Application Information
VOLTAGE REFERENCE
Reference Biasing
The voltage reference is of a shunt regulator topology that
models as a simple zener diode. With current I
r flowing in the
‘forward’ direction there is the familiar diode transfer func-
tion. I
r flowing in the reverse direction forces the reference
voltage to be developed from cathode to anode. The applied
voltage to the cathode may range from a diode drop below
V
− to the reference voltage or to the avalanche voltage of the
parallel protection diode, nominally 7V. A 6.3V reference with
V+ = 3V is allowed.
Average V
OS Drift
Military Temperature Range
DS009221-74
Average V
OS Drift
Industrial Temperature Range
DS009221-75
Average V
OS Drift
Commercial Temperature
Range
DS009221-76
Average I
OS Drift
Military Temperature Range
DS009221-77
Average I
OS Drift
Industrial Temperature Range
DS009221-78
Average I
OS Drift
Commercial Temperature Range
DS009221-79
Voltage Reference Broad-Band
Noise Distribution
DS009221-80
Op Amp Voltage
Noise Distribution
DS009221-81
Op Amp Current
Noise Distribution
DS009221-82
DS009221-14
FIGURE 1. Voltages Associated with Reference
(Current Source I
r is External)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17