Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM33-LSG Fiches technique(PDF) 17 Page - Pixart Imaging Inc.

No de pièce LM33-LSG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PIXART [Pixart Imaging Inc.]
Site Internet  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM33-LSG Fiches technique(HTML) 17 Page - Pixart Imaging Inc.

Back Button LM33-LSG Datasheet HTML 11Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 12Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 13Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 14Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 15Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 16Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 17Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 18Page - Pixart Imaging Inc. LM33-LSG Datasheet HTML 19Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
4.2
PCB Assembly Recommendation
1. Insert the integrated chip and all other electrical components into PCB.
2. Wave-solder the entire assembly in a no-wash solder process utilizing solder-fixture. A solder-fixture is required to
protect the chip from flux spray and wave solder.
3. Avoid getting any solder flux onto the chip body as there is potential for flux to seep into the chip package. The solder
fixture should be designed to expose only the chip leads to flux spray & molten solder while shielding the chip body and
optical apertures. The fixture should also set the chip at the correct position and height on the PCB.
4. Place the lens onto the base plate. Care must be taken to avoid contamination on the optical surfaces.
5. Remove the protective kapton tapes from optical apertures of the chip. Care must be taken to prevent contaminants
from entering the apertures. Do not place the PCB with the chip facing up during the entire product assembly process.
Hold the PCB vertically when removing kapton tape.
6. Insert PCB assembly over the lens onto the base plate aligning post to retain PCB assembly. The chip package will self-
align to the lens via the guide posts. The optical position reference for the PCB is set by the base plate and lens. Note
that the PCB motion due to button presses must be minimized to maintain optical alignment.
7. Install mouse top case. There must be a feature in the top case to press down onto the PCB assembly to ensure all
components are stacked or interlocked to the correct vertical height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19