Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAW3552DB Fiches technique(PDF) 2 Page - Pixart Imaging Inc.

No de pièce PAW3552DB
Description  USB/PS2 Optical Mouse SoC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PIXART [Pixart Imaging Inc.]
Site Internet  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3552DB Fiches technique(HTML) 2 Page - Pixart Imaging Inc.

  PAW3552DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PixArt Imaging Inc.
PAW3552DB Product Brief
USB/PS2 Optical Mouse SoC
Version 0.1 |1 Mar 2016 | 10003EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
1.0 Introduction
1.1
Overview
The PAW3552DB supports three axes output of X, Y and Z, and three input buttons for Left (L), Middle (M) and Right (R)
under USB and PS2 mode. It is a CMOS optical mouse single-chip sensor with USB or PS2 interface that serves as a non-
mechanical motion estimation engine for implementing a computer mouse.
The PAW3552DB is housed in an 8-pin DIP package forming a complete navigation system with an optical lens assembly. It
can track at the speed of motion up to 30 inches per second and comes with the programmable options of resolution which
the default is 1000 counts per inch (CPI). The USB and PS2 mouse controller is built into the sensor as direct interface to
the USB host, thus no external mouse controller is needed. The PAW3552DB can receive command and echo status or data
format for both complete Universal Serial Bus (USB) Specifications V2.0 and USB HID Specifications V1.11 compatibility. The
PAW3552DB is offering all the needs for a cost effective solution to support USB and PS2 mouse application.
Figure 1 shows the block diagram of PAW3552DB.
CMOS
IMAGE SENSOR
OPTICAL
NAVIGATION
ENGINE
POWER-ON
RESET
USB/PS2 MOUSE CONTROLLER
LED
DRIVER
D+/CLK
D-/DATA
RC Oscillator
VOLTAGE
REGULATOR
AND POWER
CONTROL
MFIO_1(LED)
VDD5V
Z-AXIS
COUNTER
Z1
Z2
VSS
MFIO_2(SW)
SHARE PIN
FUNCTION
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8