Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8741 Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce TDA8741
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741 Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button TDA8741 Datasheet HTML 14Page - NXP Semiconductors TDA8741 Datasheet HTML 15Page - NXP Semiconductors TDA8741 Datasheet HTML 16Page - NXP Semiconductors TDA8741 Datasheet HTML 17Page - NXP Semiconductors TDA8741 Datasheet HTML 18Page - NXP Semiconductors TDA8741 Datasheet HTML 19Page - NXP Semiconductors TDA8741 Datasheet HTML 20Page - NXP Semiconductors TDA8741 Datasheet HTML 21Page - NXP Semiconductors TDA8741 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
October 1994
18
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
PACKAGE OUTLINES
Fig.7 Plastic shrink dual in-line package; 42 leads (600 mil); SDIP42; SOT270-1.
Dimensions in mm.
handbook, full pagewidth
1
22
21
1.3 max
14.1
13.7
4.57
max
5.08
max
0.51
min
3.2
2.9
0.18 M
0.53
max
1.778
(40x)
1.73
max
15.80
15.24
0.32 max
15.24
17.15
15.90
MSA268 - 1
42
39.0
38.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24