Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC229AFP Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MAC229AFP
Description  Silicon Bidirectional Triode Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC229AFP Fiches technique(HTML) 3 Page - Motorola, Inc

  MAC229AFP Datasheet HTML 1Page - Motorola, Inc MAC229AFP Datasheet HTML 2Page - Motorola, Inc MAC229AFP Datasheet HTML 3Page - Motorola, Inc MAC229AFP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC229FP Series MAC229AFP Series
3
Motorola Thyristor Device Data
PACKAGE DIMENSIONS
CASE 221C–02
1 2 3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. LEAD DIMENSIONS UNCONTROLLED WITHIN
DIMENSION Z.
STYLE 3:
PIN 1. MT 1
2. MT 2
3. GATE
–Y–
–B–
–T–
Q
P
A
K
H
Z
G
L
F
D 3 PL
M
B
M
0.25 (0.010)
Y
E
N
S
J
R
C
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.680
0.700
17.28
17.78
B
0.388
0.408
9.86
10.36
C
0.175
0.195
4.45
4.95
D
0.025
0.040
0.64
1.01
E
0.340
0.355
8.64
9.01
F
0.140
0.150
3.56
3.81
G
0.100 BSC
2.54 BSC
H
0.110
0.155
2.80
3.93
J
0.018
0.028
0.46
0.71
K
0.500
0.550
12.70
13.97
L
0.045
0.070
1.15
1.77
N
0.049
–––
1.25
–––
P
0.270
0.290
6.86
7.36
Q
0.480
0.500
12.20
12.70
R
0.090
0.120
2.29
3.04
S
0.105
0.115
2.67
2.92
Z
0.070
0.090
1.78
2.28



Html Pages

1 2 3 4