Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV5715 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STV5715
Description  ADVANCED 2-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5715 Fiches technique(HTML) 9 Page - STMicroelectronics

  STV5715 Datasheet HTML 1Page - STMicroelectronics STV5715 Datasheet HTML 2Page - STMicroelectronics STV5715 Datasheet HTML 3Page - STMicroelectronics STV5715 Datasheet HTML 4Page - STMicroelectronics STV5715 Datasheet HTML 5Page - STMicroelectronics STV5715 Datasheet HTML 6Page - STMicroelectronics STV5715 Datasheet HTML 7Page - STMicroelectronics STV5715 Datasheet HTML 8Page - STMicroelectronics STV5715 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
L
E
e
D
e3
b
20
11
110
c1
s
M
PACKAGE MECHANICAL DATA
20 PINS - PLASTIC MICROPACKAGE
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
o (typ.)
D
12.6
13.0
0.496
0.510
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.4
7.6
0.291
0.300
L
0.5
1.27
0.020
0.050
M
0.75
0.030
S8
o (max.)
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without noti ce. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
STV5715
9/9



Html Pages

1 2 3 4 5 6 7 8 9