| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC18S50 Fiches technique(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC18S50 Fiches technique(HTML) 49 Page - NXP Semiconductors |
|
49 / 151 page ![]() LPC18S50_S30_S10 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 23 February 2015 49 of 151 NXP Semiconductors LPC18S50/S30/S10 32-bit ARM Cortex-M3 microcontroller PE_7 F15 - - - [2] N; PU - R — Function reserved. O CTOUT_5 — SCTimer/PWM output 5. Match output 3 of timer 3. I U1_CTS — Clear to Send input for UART1. I/O EMC_D26 — External memory data line 26. I/O GPIO7[7] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PE_8 F14 - - - [2] N; PU - R — Function reserved. O CTOUT_4 — SCTimer/PWM output 4. Match output 3 of timer 3. I U1_DSR — Data Set Ready input for UART1. I/O EMC_D27 — External memory data line 27. I/O GPIO7[8] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PE_9 E16 - - - [2] N; PU - R — Function reserved. I CTIN_4 — SCTimer/PWM input 4. Capture input 2 of timer 1. I U1_DCD — Data Carrier Detect input for UART1. I/O EMC_D28 — External memory data line 28. I/O GPIO7[9] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. PE_10 E14 - - - [2] N; PU - R — Function reserved. I CTIN_3 — SCTimer/PWM input 3. Capture input 1 of timer 1. O U1_DTR — Data Terminal Ready output for UART1. Can also be configured to be an RS-485/EIA-485 output enable signal for UART1. I/O EMC_D29 — External memory data line 29. I/O GPIO7[10] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |