| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF4811 Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4811 Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 2 page ![]() Tel: +44 118 979 1238 Fax: +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue 1 C1u Date 17-04-2007 Page 1 of 2 The ACTF4811/480.0/TO39-3 is a compact and economical surface-acoustic-wave (SAW) IF filter in a low-profile metal TO-39 case for DBS receivers with constant group delay. Package Dimension (TO-39) 2. Equivalent LC Model 3. Frequency Response Pin Configuration 1 Input / Output 2 Output / Input 3 Ground Dimensions Data (Unit: mm) A 9.15±0.20 B 5.08±0.20 C 3.30±0.20 D 3.00±0.20 E Φ0.45±0.10 |
Numéro de pièce similaire - ACTF4811 |
|
Description similaire - ACTF4811 |