Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTF2159 Fiches technique(PDF) 4 Page - Advanced Crystal Technology

No de pièce ACTF2159
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2159 Fiches technique(HTML) 4 Page - Advanced Crystal Technology

  ACTF2159 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2159 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
Remarks
8-1 Static voltage
Static voltage between signal load & ground may cause deterioration & destruction of the SAW filter.
Please avoid static voltage.
8-2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the SAW filter.
Please avoid ultrasonic
cleaning.
8-3 Soldering
Only terminals of the SAW filter may be soldered.
Please avoid soldering other parts of the SAW filter.
Soldering Profile
•
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for
applications, processes and circuits implemented within components or assemblies.
•
For questions on technology, prices and delivery, please contact our sales offices or e-mail
info@actcrystals.com.
RoHS Compliant
Electrostatic Sensitive Device
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 4 -



Html Pages

1 2 3 4