Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMV71 Fiches technique(PDF) 16 Page - ATMEL Corporation

No de pièce SAMV71
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMV71 Fiches technique(HTML) 16 Page - ATMEL Corporation

Back Button SAMV71 Datasheet HTML 11Page - ATMEL Corporation SAMV71 Datasheet HTML 12Page - ATMEL Corporation SAMV71 Datasheet HTML 13Page - ATMEL Corporation SAMV71 Datasheet HTML 14Page - ATMEL Corporation SAMV71 Datasheet HTML 15Page - ATMEL Corporation SAMV71 Datasheet HTML 16Page - ATMEL Corporation SAMV71 Datasheet HTML 17Page - ATMEL Corporation SAMV71 Datasheet HTML 18Page - ATMEL Corporation SAMV71 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
ASF
sam/utils/cmsis/sam4s/include/sam4s16b.h
sam/utils/cmsis/sam4s/include/sam4s16c.h
sam/utils/cmsis/sam4s/include/sam4s2a.h
sam/utils/cmsis/sam4s/include/sam4s2b.h
sam/utils/cmsis/sam4s/include/sam4s2c.h
sam/utils/cmsis/sam4s/include/sam4s4a.h
sam/utils/cmsis/sam4s/include/sam4s4b.h
sam/utils/cmsis/sam4s/include/sam4s4c.h
sam/utils/cmsis/sam4s/include/sam4s8b.h
sam/utils/cmsis/sam4s/include/sam4s8c.h
sam/utils/cmsis/sam4s/include/sam4sa16b.h
sam/utils/cmsis/sam4s/include/sam4sa16c.h
sam/utils/cmsis/sam4s/include/sam4sd16b.h
sam/utils/cmsis/sam4s/include/sam4sd16c.h
sam/utils/cmsis/sam4s/include/sam4sd32b.h
sam/utils/cmsis/sam4s/include/sam4sd32c.h
•
Issue #ASFP-6134: SAMD09 - OSC32K code issue.
File modified:
sam0/drivers/nvm/nvm.c
sam0/drivers/system/clock/clock_samd09_d10_d11/clock.c
sam0/utils/cmsis/samd10/include/component/nvmctrl.hM
sam0/utils/cmsis/samd11/include/component/nvmctrl.h
•
Issue #ASFP-6135: SAM4E USB unit test issue.
File modified:
sam/drivers/udp/udp_device.c
•
Issue #ASFP-6139: pwm_channel_update_output() doesn't work for PWMH or PWML separately.
File modified:
sam/drivers/pwm/pwm.c
•
Issue #ASFP-6140: FreeRTOS basic examples are failing.
File modified:
\thirdparty\freertos\demo\sam_example
•
Issue #ASFP-6141: I2C read driver for SAMB11 reads extra one byte.
File modified:
•
Issue #ASFP-6147: Xmega: ADC issue.
File modified:
xmega/drivers/adc/adc.h
•
Issue #ASFP-6150: SAM V/S/E HSMCI alignment issue.
File modified:
sam/drivers/hsmci/hsmci.c
•
Issue #ASFP-6152: There is no PORT E define in IOPORT For ATMEGA328PB/324PB.
File modified:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19