Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMR21 Fiches technique(PDF) 8 Page - ATMEL Corporation

No de pièce SAMR21
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Fiches technique(HTML) 8 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 4Page - ATMEL Corporation SAMR21 Datasheet HTML 5Page - ATMEL Corporation SAMR21 Datasheet HTML 6Page - ATMEL Corporation SAMR21 Datasheet HTML 7Page - ATMEL Corporation SAMR21 Datasheet HTML 8Page - ATMEL Corporation SAMR21 Datasheet HTML 9Page - ATMEL Corporation SAMR21 Datasheet HTML 10Page - ATMEL Corporation SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
ASF
•
AVR2025MAC,LWMesh support for SAMD21-XPRO, SAMR21 IAR support for AVR2025/AVR2102
Release ASF3.19 (Aug 2014)
•
SAM D10, SAM D11 device family and SAMD11-XPRO support
•
USB quick start documentation
•
SAM4 ASF drivers quick start documentation
•
PLC and PRIME support to SAM4C/SAM4CP16/SAM4CMP/SAM4CMS kits
•
LwIP RAW HTTP example with AJAX support
•
SAM D21 DMAC Demo Application - Data Logger
•
Add Xmega A1U-XPRO board support to ASF
Release ASF3.18.1 (Jul 2014)
•
PRIME stack support for SAM4C family
Release ASF3.18 (Jun 2014)
•
SAM4CM32 new device support
•
SAM4C32E USB support
•
SAM4C IPC support
•
FreeRTOS 8.0.1 support
•
OLED support for SAM4L-XPRO
•
Demo for TWI information interface of EDBG
•
Device series maintain of SAMD20/D21/R21
Release ASF3.17 (May 2014)
•
SAM R21: added support for SAM R21 device series and SAMR21-XPRO support; added drivers support
for AC, ADC, BOD, DMA, EVENTS, EXTINT, NVM, PAC, PORT, RTC, SERCOM(SPI, USART, I2C),
System(clock, interrupt, pinmux), TC, TCC, USB, WDT, serial_flash, ssd1306, virtual_mem, sdmmc; added
services support for delay, gfx_mono, ctrl_access, USB device (CDC, Composite, HID, MSC, PHDC, Vendor);
added third party support for CMSIS, FATFS, freertos, added applications support for getting-started,
i2c_slave_bootloader, led_toggle, sleepwalking_adc, tictactoe, xosc32k_failure_detector.
•
SAM G54: added support for SAMG54 device series; added drivers support for adc, chipid, i2sc,pdm, pmc,
rstc, spi, supc, twi, twihs, uart, usart; added services support for clock, freertos peripheral control, ioport, sleep
manager, twi; added third party support for CMSIS, freertos.
•
SAM4CM: Add SAM4CM device series and SAM4CMP-DB/SAM4CMS-DB support; added drivers support for
AES, ADC, CHIPID, SMC, EFC, GPBR, ICM, MATRIX, PDC, PIO, PMC, PWM, RSTC, RTC, RTT, SLCDC,
SPI, SUPC, TC, TRNG, TWI, UART, USART, WDT; added services support for clock, delay, ioport, serial,
sleepmgr, spi, storage/ctrl_access, twi, flash_efc, smart_card; added component support for serial_flash,
eeprom, at30ts75, added third party support for CMSIS, freertos, FATFS.
•
SLCD-XPRO: added example for SAM4L-XPRO
•
SAM D21: added USB MSC bootloader
•
SAM4CP: added support for SAM4CP16B and ATPL230; added ATPL230AMB board ( SAM4S + ATPL230)
support; added service support for PLC; added third party support for Prime Phy Layer.
•
802.15.4 MAC: added device support for SAM R21/D21, SAM4S and SAM4E.
•
Performance Analyzer Application: added device support for SAM R21/D21, SAM4S and SAM4E;
componentization of Performance Analyzer.
•
RF4Control: added device support for SAM R21; added Joystick Demo Application for ZID; added Sleep
support in Single button ctlr application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19