| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMG54 Fiches technique(PDF) 5 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMG54 Fiches technique(HTML) 5 Page - ATMEL Corporation |
|
5 / 19 page ![]() ASF 5 New and Noteworthy Release ASF3.33 (Nov 2016) • Add SAMHA1-G support in ASF • Add SAM C21 SERCOM(RS485) example • Add SAM V71 USB host CDC example Release ASF3.32 (Jul 2016) • Add SAMR30 support in ASF • Add SAM B11 ZR peripheral drivers support in ASF • Add BluSDK SMART 5.2 support Release ASF3.31 (Apr 2016) • Update WINC3400 firmware to 1.0.2 • Add BluSDK Smart 5.1 • SAM L21 application examples: • SAM L21 OPAMP as ADC Gain Amplifier • SAM L21 CCL application example • SAM-BA use USB interface on SAM L21 XPRO board • SAM E70/V71: Enable the Cache on part of examples(Check the detail on "Issue #ASFP-5891" below) Release ASF3.30 (Feb 2016) • Add BluSDK Smart 5.0 • Update BluSDK5.0 • SAM L22 application examples: • CPU usage demonstration using DMAC • Smart card example • Low power application • TCC features example • SAM4S XPRO examples: • NAND flash examples • SD/MMC examples • SAM-BA use USB interface on SAM D21 and L22 XPRO board • ADP: SAM4S and SAM L21 XPRO board support Release ASF3.29 (Dec 2015) • Add SAM L22 RevB support • Add SAM E70 full support • Service: USB HID/CDC/MSC/PHDC/Vendor device, GFX • Component: Wifi WINC1500, MXT112S, AT30tse75x • Third party: FreeRTOS 8.2.3, Sensor BON055, • Add Atmega 48PB,88PB,168PB devices and 168PB XMINI board support • Add SAMD11D14A-UUT device support • Add ATSAMR21ZLL-EK board support • Add ATSAMR21B18-MZ210PA and ATSAMR21G18-MR210UA module support • Add BluSDK4.0 (BLE 4.1) support |