| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMG53 Fiches technique(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMG53 Fiches technique(HTML) 1 Page - ATMEL Corporation |
|
1 / 19 page ![]() ASF: Release ASF-3.33 The Atmel® Software Framework (ASF, www.atmel.com/asf) is a compilation of embedded software for Atmel flash MCUs: megaAVR®, AVR XMEGA®, AVR UC3 and SAM devices. It has been designed to help develop and glue together the different components of a software design. It can easily integrate into an operating system (OS) or run as a stand-alone product. The ASF is included in Atmel Studio® 6 (www.atmel.com/atmelstudio). A separate package is available for megaAVR, AVR XMEGA, AVR UC3 and SAM users for IAR™, Atmel AVR Studio 4 and AVR32 Studio on www.atmel.com/asf. Atmel Studio users do not need this package as the ASF is integrated in Atmel Studio. This document describes the supported devices, supported tools, and changes since last ASF release (enhancements, bugs fixes and known issues). 8/32-bits Atmel Microcontrollers Release ASF-3.33 |
Numéro de pièce similaire - SAMG53 |
|
Description similaire - SAMG53 |