| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMD21 Fiches technique(PDF) 7 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMD21 Fiches technique(HTML) 7 Page - ATMEL Corporation |
|
7 / 19 page ![]() ASF 7 • Applications: xplained_pro_user_application, getting-started • SAM D21 Analog Comparator modes example • WINC1500 driver update to rev 19.2.1 and add IoT sensor/cloud demos Release ASF3.24 (May 2015) • SAM DA devices support • Update SAM D20 SPI Master bootloader to use SD card • Advanced Features of SAMD21 Timer/Counter for Control Applications • DAC Examples - Waveform Generator & WAV audio player • SmartConnect 6Lowpan Reassembly feature • WINC1500 driver update to rev 18.3.0 Release ASF3.23 (Apr 2015) • SAM4C/CM 256k devices support • SAML21 - Low power application • USB MultiTouch HID Example • BLE SDK Support • SmartConnect 6Lowpan stack support • TAL Support For RF215 and Performance Analyzer Application • WINC1500 driver update to rev 18.1.1 Release ASF3.22 (Mar 2015) • SAMD21 B&L series support in drivers, service and thirdparty. • SAMD21G17AU/SAMD21G18AU/SAMD21E15BU/SAMD21E16BU devices support • SAML21 fix and maintenance • SAMD10-Xmini board support • SAMW25 and WINC1500 support Release ASF3.21 (Dec 2014) • SAM L21 device family and SAML21-XPRO support : added drivers support for Clock ,AES, CCL, OPAMP, TRNG, RWW, HSDAC, AC, ADC, BOD, DAC, DMA, Event, EXTINT, I2S, NVM, PAC, PORT, RTC, SERCOM, TC, TCC, USB, WDT,added services support for EEPROM, USB host/device, gfx_mono, delay, ctrl_access, added components support for serial_flash, at30ts75, ssd1306, added Thirdparty support for CMSIS, FreeRTOS, FATFS • SAM G55 device family and SAMG55-XPRO support : USB OHCI host stack support, Full set of drivers support of adc, chipid, cmcc, crccu, efc, flexcom,gpbr, i2sc, matrix, mem2mem, pdc, pdm, pio, pmc, rstc, rtc, rtt, spi, supc, tc, twi, udp, uhp, usart, wdt, added applications of xplained_pro_user_application, getting-started, sam_low_power, starter_kit_bootloader_demo, added services support for flash_efc, clock, delay, ioport, serial, sleepmgr, spi, twi, usb, added components support for ssd1306, at30tse75x, sd_mmc, added Thirdparty support for CMSIS DSP lib, FreeRTOS. • Performance Analyzer Firmware : Support for Remote Node Configuration Feature Release ASF3.20 (Oct 2014) • SAMD1x family ASF Quick Start documentation • USB Stack Quick Start documentation updates • SAMD11 USB MSC/TCC examples • SAMD1x 32 bit TC support |