Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega48PB-MN Fiches technique(PDF) 11 Page - ATMEL Corporation

No de pièce ATmega48PB-MN
Description  Advanced RISC architecture
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PB-MN Fiches technique(HTML) 11 Page - ATMEL Corporation

Back Button ATmega48PB-MN Datasheet HTML 7Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 8Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 9Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 10Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 11Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 12Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 13Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 14Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
5.1.3.
Port B (PB[7:0]) XTAL1/XTAL2/TOSC1/TOSC2
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B
output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs,
Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port
B pins are tri-stated when a reset condition becomes active, even if the clock is not running.
Depending on the clock selection fuse settings, PB6 can be used as input to the inverting Oscillator
amplifier and input to the internal clock operating circuit.
Depending on the clock selection fuse settings, PB7 can be used as output from the inverting Oscillator
amplifier.
If the Internal Calibrated RC Oscillator is used as chip clock source, PB[7:6] is used as TOSC[2:1] input
for the Asynchronous Timer/Counter2 if the AS2 bit in ASSR is set.
5.1.4.
Port C (PC[5:0])
Port C is a 7-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The PC[5:0]
output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs,
Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port
C pins are tri-stated when a reset condition becomes active, even if the clock is not running.
5.1.5.
PC6/RESET
If the RSTDISBL Fuse is programmed, PC6 is used as an I/O pin. Note that the electrical characteristics
of PC6 differ from those of the other pins of Port C.
If the RSTDISBL Fuse is unprogrammed, PC6 is used as a Reset input. A low level on this pin for longer
than the minimum pulse length will generate a Reset, even if the clock is not running. Shorter pulses are
not guaranteed to generate a Reset.
The various special features of Port C are elaborated in the Alternate Functions of Port C section.
5.1.6.
Port D (PD[7:0])
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D
output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs,
Port D pins that are externally pulled low will source current if the pull-up resistors are activated. The Port
D pins are tri-stated when a reset condition becomes active, even if the clock is not running.
5.1.7.
Port E (PE[3:0])
Port E is an 4-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E
output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs,
Port E pins that are externally pulled low will source current if the pull-up resistors are activated. The Port
E pins are tri-stated when a reset condition becomes active, even if the clock is not running.
5.1.8.
AVCC
AVCC is the supply voltage pin for the A/D Converter, PC[3:0], and PE[3:2]. It should be externally
connected to VCC, even if the ADC is not used. If the ADC is used, it should be connected to VCC through
a low-pass filter. Note that PC[6:4] use digital supply voltage, VCC.
5.1.9.
AREF
AREF is the analog reference pin for the A/D Converter.
Atmel ATmega48PB/88PB/168PB [DATASHEET]
Atmel-42176G-ATmega48PB/88PB/168PB_Datasheet_Summary-03/2016
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25