| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega128 Fiches technique(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega128 Fiches technique(HTML) 11 Page - ATMEL Corporation |
|
11 / 19 page ![]() ASF 11 Release ASF3.6 (Internal, Jan 2013) • Added SAM4E support: WDT, TC, EEFC, PMC, clock, ioport, CMSIS, stdio, PIO, Flash, interrupt • Added XMEGA C3 Xplained demos: LED, switchs, QTouch, OLED, USB, SD card • Added megaRF drivers: interrupt, adc • Added SAM4L drivers: GPIO for event and interrupt, Watchdog, USB Host HID class, HMATRIX, CRCCU, CMSIS DSPlib examples, FreeRTOS demo, Getting Started, IISC, improved TWIM with sleep manager support. • Added SAM4S-EK2 demo (same as SAM4S-EK) • Added examples for XMEGA-E5 Xplained board: XCL, USART • USB Device PHDC class is now compliant with the USB command verified tool 2.0 v1.4.9.2. Release ASF3.5 (Nov 2012) • Added XMEGA E (STK600) support, added new XCL driver demo • Added XMEGA-C3 Xplained board support • Added SAM4SD32 and SAM4S-EK2 support • SD stack for SAM, UC3, XMEGA ready, with SPI and MMC interface. With file system example. • SAM4L: added AST, EIC, USB device HID, BPM, PDCA, TC, DACC, Flashcaldw, LCDCA, C42364 • Updated CMSIS for SAM from v2.1 to 3.0 • FatFs is now available in Atmel Studio ASF wizard • Added USB Host vendor class • megaRF: added GPIO and clock driver • Added new FreeRTOS specific driver for USART, SPI and TWI for SAM4S |