Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega16 Fiches technique(PDF) 10 Page - ATMEL Corporation

No de pièce ATmega16
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Fiches technique(HTML) 10 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 6Page - ATMEL Corporation ATmega16 Datasheet HTML 7Page - ATMEL Corporation ATmega16 Datasheet HTML 8Page - ATMEL Corporation ATmega16 Datasheet HTML 9Page - ATMEL Corporation ATmega16 Datasheet HTML 10Page - ATMEL Corporation ATmega16 Datasheet HTML 11Page - ATMEL Corporation ATmega16 Datasheet HTML 12Page - ATMEL Corporation ATmega16 Datasheet HTML 13Page - ATMEL Corporation ATmega16 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
ASF
added services support for clock, ioport, serial, sleep manager, flash_efc, twi; added component support for
serial_flash, eeprom, at30ts75 and c42364a_slcdc; added third party support for CMSIS, freertos and fatfs,
added applications support for getting-started and low-power.
•
SAM4S: added support for SAM4S4 and SAM4S2.
•
SAM D20: maintenance and improvements to API.
•
Note: SAM4C projects require a part support package for Atmel Studio 6.1
Release ASF3.11 (July 2013)
•
SAM4N new device and SAM4N Xplained pro kit support in ASF.
•
Performance Analyzer supports the kits supported in Wireless Library 1.0 Release.
•
SAM4L: Add USB device PHDC example, add TWIM PDC transfer example.
Release ASF3.10 (July 2013)
•
SAM4L8 new device and SAM4L/SAM4L8 Xplained pro kit support in ASF, with all existing drivers, services,
third parties from SAM4L4.
•
Feature Enhancement in Performance Analyzer v2.1 firmware to support Wireless Composer-2.0
•
SAM D20: maintenance and improvements to API
Release ASF3.9 (June 2013)
•
Added SAM D20 Drivers (AC, ADC, BOD, DAC, Events, External Interrupts, NVM, PAC, PORT, RTC, SERCOM
USART/SPI/I2C, TC and WDT).
•
Added SAM D20 Services (GFX_mono, Delay, Dataflash, FreeRTOS)
•
Added SAM D20 applications (DAC sound player, SPI/I2C bootloader, Led toggle and OSC8 calibration,
FreeRTOS demo)
Release ASF3.8 (April 2013)
•
mega128RFA1 new drivers: MAC symbol counter and TWI.
•
SAM4E: USB stack, lwIP demo, new drivers (AFE, DACC,MATRIX, ACC, CHIPID, USART, PIO, AFEC ),
QTouch library, low power and getting started demo, FreeRTOS demo.
Release ASF3.7 (Feb 2013)
•
SAM4L new drivers: AESA, IISC, ACIFC, PEVC, USB device composite, USB host, picoUART, ABDACB,
FREQM, ADCIFE, GLOC, FatFS,
•
SAM4E new drivers: FPU, SPI, DMA, USB HID, TC, AT25 flash, WDT, EBI SMC, RTT, CAN, RTC, GPBR,
SUPC, PDC, USART, GMAC, PWM
•
megaRF, megaRFR2 new drivers: USART, STDIO, clock, interrupt, TWI
•
XMEGA E new drivers: XCL, EDMA, QDEC. New ADC demo for XMEGA-E5 Xplained board
•
SAM4S and SAM4L Xplained Pro demo: low power and sleep modes
•
Added supports Performance analyzer application for Xplained Pro Boards compatible with Wireless Analyzer
in Atmel Studio. Supports MAC demo applications for Beacon, No Beacon and No Beacon Sleep Application.
Supports RF4CE demo applications for Button controller, Single button controller and Terminal target.
Platforms supported are: Atmega256RFR2 Xplained Pro, ZigBit ATmegaRFR2, ZigBit ATRF233 XMEGA,
ZigBit ATRF212B XMEGA, USB stick with ZigBit ATRF233 XMEGA, USB stick with ZigBit ATRF212B XMEGA,
SAM4L Xplained Pro with ZigBit ATmegaRFR2, SAM4L Xplained Pro with ZigBit ATRF233 XMEGA, SAM4L
Xplained Pro with ZigBit ATRF212B XMEGA, XMEGA-A3BU Xplained, RZ600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19