Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega328 Fiches technique(PDF) 13 Page - ATMEL Corporation

No de pièce ATmega328
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328 Fiches technique(HTML) 13 Page - ATMEL Corporation

Back Button ATmega328 Datasheet HTML 9Page - ATMEL Corporation ATmega328 Datasheet HTML 10Page - ATMEL Corporation ATmega328 Datasheet HTML 11Page - ATMEL Corporation ATmega328 Datasheet HTML 12Page - ATMEL Corporation ATmega328 Datasheet HTML 13Page - ATMEL Corporation ATmega328 Datasheet HTML 14Page - ATMEL Corporation ATmega328 Datasheet HTML 15Page - ATMEL Corporation ATmega328 Datasheet HTML 16Page - ATMEL Corporation ATmega328 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ASF
13
File modified:
sam/drivers/spi/spi_dmac_slave_example/spi_dmac_slave_example.c
•
Issue #ASFP-6145: Updating TCC Based example project on SAMD11 for additional features.
Currently we have very few examples on TCC features, the existing TCC features example is to be
updated covering all the below features
1. CIRCULAR BUFFER
2. ONESHOT
3. Output Matrix and Dead Time Insertion
4. SWAP Operation
5. PATTERN GENERATION
6. RAMP2
7. RAMP2A
8. DUAL_SLOPE
9. COUNTER Mode
10. FAULT OPERATIONS
11. DITHERING
12. CAPTURE
Files modified:
sam0/applications/tcc_features_example/main.c
sam0/applications/tcc_features_example/samd11_xplained_pro/conf_clocks.h
sam0/applications/tcc_features_example/samd11_xplained_pro/conf_example.h
File added:
sam0/applications/tcc_features_example/samd11_xplained_pro/conf_extint.h
•
Issue #ASFP-6151: sercom_pinout.h missing SERCOM3_PADx_DEFAULT for SAML22G.
File modified:
sam0/drivers/sercom/sercom_pinout.h
•
Issue #ASFP-6172: Add SAMHA1-G device support.
Add SAMHA1-G series support in ASF:
* ATSAMHA1G16A
* ATSAMHA1G15A
* ATSAMHA1G14A
Notable bugs fixed
•
Issue #ASFP-4807: USB: udi_cdc_desc.c incorrectly sets udc_device_desc.iSerialNumber = 0.
Files modified:
common/services/usb/class/cdc/device/udi_cdc_desc.c
common/services/usb/class/composite/device/udi_composite_desc.c
common/services/usb/class/dfu_flip/device/udi_dfu_atmel_desc.c
common/services/usb/class/hid/device/generic/udi_hid_generic_desc.c
common/services/usb/class/hid/device/kbd/udi_hid_kbd_desc.c
common/services/usb/class/hid/device/mouse/udi_hid_mouse_desc.c
common/services/usb/class/hid/device/mtouch/udi_hid_multitouch_desc.c
common/services/usb/class/msc/device/udi_msc_desc.c
common/services/usb/class/phdc/device/udi_phdc_desc.c
common/services/usb/class/vendor/device/udi_vendor_desc.c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19