| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM4S Fiches technique(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4S Fiches technique(HTML) 12 Page - ATMEL Corporation |
|
12 / 19 page ![]() 12 ASF New features added • Issue #ASFP-3375: Xmega ioport service: enum ioport_sense lacks IOPORT_SENSE_LEVEL_LOW entry. File modified: common/services/ioport/ioport.h • Issue #ASFP-5584: SAMC21 - Add SERCOM(RS485) example in ASF. Add SAMC21 RS485 example. Folder added: sam0\drivers\sercom\usart\quick_start_rs485 • Issue #ASFP-5671: SAM V71 - Add USB host CDC example . Folder Added: common/services/usb/class/cdc/host/example/samv71q21_samv71_xplained_ultra Files Modified: sam/drivers/usbhs/usbhs_host.c • Issue #ASFP-5690: Compiling USB CDC device example generates warnings on -O3. Modified one file: - sam0/drivers/usb/stack_interface/usb_device_udd.c • Issue #ASFP-5910: set_system_sleepmode() implements errata workaround independent of device revision. File modified: sam0/drivers/system/power/power_sam_d_r/power.h • Issue #ASFP-5927: SAMV71/E70 boards do not have definitions for Extension headers. Files modified: sam/boards/same70_xplained/same70_xplained.h sam/boards/samv71_xplained_ultra/samv71_xplained_ultra.h • Issue #ASFP-6096: RTC APIs are missing in the web. Files modified: sam/drivers/rtc/rtc.c sam/drivers/rtc/rtc.h • Issue #ASFP-6105: 3.32.0 compiler warning in syscalls.c. Files modified: sam/utils/syscalls/gcc/syscalls.c sam0/utils/syscalls/gcc/syscalls.c • Issue #ASFP-6122: Looking for USB with SAML21B using internal oscillator. Files modified: common/services/usb/class/hid/device/mouse/example/saml21j18b_saml21_xplained_pro/ conf_clocks.h sam0/drivers/system/clock/clock_saml21/clock.c • Issue #ASFP-6123: Timing issue of SPI fails in spi_master_transfer function. |