| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM4L Fiches technique(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4L Fiches technique(HTML) 9 Page - ATMEL Corporation |
|
9 / 19 page ![]() ASF 9 • LWMesh: added device support for SAM R21/D21, SAM4S and SAM4E; added EDDemo and Peer2Peer support, SecurityMode0(HW Security) support, identify commands feature support for WSNDemo application; componentization of WSNDemo app. Release ASF3.16 (Apr 2014) • SAM4C: Add CMCC driver support • SAM D21: Add additional drivers and examples (USB device class support: composite/HID/PDHC, SD/MMC support, getting started and i2c slave applications) • Add lwIP 1.4.1 and Ethernet Xplained Pro extension support for SAM D20 Release ASF3.15 (Feb 2014) • SAM D21: added support for SAM D21 device series and SAMD21-XPRO support; added drivers support for AC, ADC, BOD, DAC, DMA, EVENTS, EXTINT, I2S, NVM, PAC, PORT, RTC, SERCOM(SPI, USART, I2C), System(clock, interrupt, pinmux), TC, TCC, USB, WDT, serial_flash, at30ts75, ssd1306, virtual_mem ; added services support for eeprom, delay, gfx_mono, ctrl_access, USB host (HID, CDC, MSC, Vendor, composite), USB device (HID, CDC, MSC, Vendor); added third party support for CMSIS, freertos, added applications support for dac_sound_player, led_toggle, osc8_calib, sleepwalking_adc, tictactoe, xosc32k_failure_detector. • SAM4CP: added SAM4CP device series support. • SAM4E-XPRO: added SAM4E-XPRO kit support with examples. • LWMesh Stack: supported MCU SAMD20,SAM4L,MegaRF,XmegaA3; supported Transceivers: AT86RF212, AT86RF212B, AT86RF231, AT86RF233, ATMEGARFA1, ATMEGARFR2. • ZID Stack: supported MCU Family : MegaRF,XmegaA3U; Supported Transceivers : AT86RF233,ATMEGARFR2. Release ASF3.14 (Dec 2013) • SAMG: added support for SAMG51 and SAMG53 device series and SAMG53-XPRO support; added drivers support for adc, chipid, efc, gpbr, i2sc, matrix, mem2mem, pdc, pdm, pio, pmc, rtc, rtt, spi, supc, tc, twi, twihs, uart, usart, wdt; added services support for clock, delay, ioport, serial, sleep manager, flash_efc, twi; added third party support for CMSIS, freertos, added applications support for getting-started and low-power. • SAM4C: added SAM4C32 device series support. • SAM4E: added SAM4ExC device series support. • IEEE 802.15.4 MAC GTS feature support for SAM D20. • Note: SAMG projects require a part support package for Atmel Studio 6.1 Release ASF3.13 (Nov 2013) • IEEE 802.15.4 MAC Support Addition for Atmega2564RFR2 Device • SAM D20: various bug fixes for EEPROM, DFLL, ADC, DAC, SERCOM • Note: SAM4C projects require a part support package for Atmel Studio 6.1 • Note: Removed ASF versions ASF-3.3.0, ASF-3.4.0, ASF-3.5.0 and ASF-3.5.1 in order to improve performance in Atmel Studio. DO NOT upgrade to this ASF release if you are using the removed versions and need the ASF Wizard. If you do upgrade, you will have to upgrade your project to a newer ASF version in order for the ASF Wizard to work. Release ASF3.12 (Oct 2013) • SAM4C: added support for new device series and SAM4C Evaluation kit; added drivers support for aes, adc, chipid, smc, efc, gpbr, icm, matrix, pdc, pio, pmc, pwm, rstc, rtc, rtt, slcdc, spi, supc, tc, trng, twi, uart, usart,wdt; |