| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM4CP Fiches technique(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4CP Fiches technique(HTML) 13 Page - ATMEL Corporation |
|
13 / 19 page ![]() ASF 13 File modified: sam/drivers/spi/spi_dmac_slave_example/spi_dmac_slave_example.c • Issue #ASFP-6145: Updating TCC Based example project on SAMD11 for additional features. Currently we have very few examples on TCC features, the existing TCC features example is to be updated covering all the below features 1. CIRCULAR BUFFER 2. ONESHOT 3. Output Matrix and Dead Time Insertion 4. SWAP Operation 5. PATTERN GENERATION 6. RAMP2 7. RAMP2A 8. DUAL_SLOPE 9. COUNTER Mode 10. FAULT OPERATIONS 11. DITHERING 12. CAPTURE Files modified: sam0/applications/tcc_features_example/main.c sam0/applications/tcc_features_example/samd11_xplained_pro/conf_clocks.h sam0/applications/tcc_features_example/samd11_xplained_pro/conf_example.h File added: sam0/applications/tcc_features_example/samd11_xplained_pro/conf_extint.h • Issue #ASFP-6151: sercom_pinout.h missing SERCOM3_PADx_DEFAULT for SAML22G. File modified: sam0/drivers/sercom/sercom_pinout.h • Issue #ASFP-6172: Add SAMHA1-G device support. Add SAMHA1-G series support in ASF: * ATSAMHA1G16A * ATSAMHA1G15A * ATSAMHA1G14A Notable bugs fixed • Issue #ASFP-4807: USB: udi_cdc_desc.c incorrectly sets udc_device_desc.iSerialNumber = 0. Files modified: common/services/usb/class/cdc/device/udi_cdc_desc.c common/services/usb/class/composite/device/udi_composite_desc.c common/services/usb/class/dfu_flip/device/udi_dfu_atmel_desc.c common/services/usb/class/hid/device/generic/udi_hid_generic_desc.c common/services/usb/class/hid/device/kbd/udi_hid_kbd_desc.c common/services/usb/class/hid/device/mouse/udi_hid_mouse_desc.c common/services/usb/class/hid/device/mtouch/udi_hid_multitouch_desc.c common/services/usb/class/msc/device/udi_msc_desc.c common/services/usb/class/phdc/device/udi_phdc_desc.c common/services/usb/class/vendor/device/udi_vendor_desc.c |