Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM3U Fiches technique(PDF) 7 Page - ATMEL Corporation

No de pièce SAM3U
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Fiches technique(HTML) 7 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 3Page - ATMEL Corporation SAM3U Datasheet HTML 4Page - ATMEL Corporation SAM3U Datasheet HTML 5Page - ATMEL Corporation SAM3U Datasheet HTML 6Page - ATMEL Corporation SAM3U Datasheet HTML 7Page - ATMEL Corporation SAM3U Datasheet HTML 8Page - ATMEL Corporation SAM3U Datasheet HTML 9Page - ATMEL Corporation SAM3U Datasheet HTML 10Page - ATMEL Corporation SAM3U Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ASF
7
• Applications: xplained_pro_user_application, getting-started
•
SAM D21 Analog Comparator modes example
•
WINC1500 driver update to rev 19.2.1 and add IoT sensor/cloud demos
Release ASF3.24 (May 2015)
•
SAM DA devices support
•
Update SAM D20 SPI Master bootloader to use SD card
•
Advanced Features of SAMD21 Timer/Counter for Control Applications
•
DAC Examples - Waveform Generator & WAV audio player
•
SmartConnect 6Lowpan Reassembly feature
•
WINC1500 driver update to rev 18.3.0
Release ASF3.23 (Apr 2015)
•
SAM4C/CM 256k devices support
•
SAML21 - Low power application
•
USB MultiTouch HID Example
•
BLE SDK Support
•
SmartConnect 6Lowpan stack support
•
TAL Support For RF215 and Performance Analyzer Application
•
WINC1500 driver update to rev 18.1.1
Release ASF3.22 (Mar 2015)
•
SAMD21 B&L series support in drivers, service and thirdparty.
•
SAMD21G17AU/SAMD21G18AU/SAMD21E15BU/SAMD21E16BU devices support
•
SAML21 fix and maintenance
•
SAMD10-Xmini board support
•
SAMW25 and WINC1500 support
Release ASF3.21 (Dec 2014)
•
SAM L21 device family and SAML21-XPRO support : added drivers support for Clock ,AES, CCL, OPAMP,
TRNG, RWW, HSDAC, AC, ADC, BOD, DAC, DMA, Event, EXTINT, I2S, NVM, PAC, PORT, RTC, SERCOM,
TC, TCC, USB, WDT,added services support for EEPROM, USB host/device, gfx_mono, delay, ctrl_access,
added components support for serial_flash, at30ts75, ssd1306, added Thirdparty support for CMSIS,
FreeRTOS, FATFS
•
SAM G55 device family and SAMG55-XPRO support : USB OHCI host stack support, Full set of drivers
support of adc, chipid, cmcc, crccu, efc, flexcom,gpbr, i2sc, matrix, mem2mem, pdc, pdm, pio, pmc, rstc, rtc,
rtt, spi, supc, tc, twi, udp, uhp, usart, wdt, added applications of xplained_pro_user_application, getting-started,
sam_low_power, starter_kit_bootloader_demo, added services support for flash_efc, clock, delay, ioport, serial,
sleepmgr, spi, twi, usb, added components support for ssd1306, at30tse75x, sd_mmc, added Thirdparty support
for CMSIS DSP lib, FreeRTOS.
•
Performance Analyzer Firmware : Support for Remote Node Configuration Feature
Release ASF3.20 (Oct 2014)
•
SAMD1x family ASF Quick Start documentation
•
USB Stack Quick Start documentation updates
•
SAMD11 USB MSC/TCC examples
•
SAMD1x 32 bit TC support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19