Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM3N Fiches technique(PDF) 18 Page - ATMEL Corporation

No de pièce SAM3N
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3N Fiches technique(HTML) 18 Page - ATMEL Corporation

Back Button SAM3N Datasheet HTML 11Page - ATMEL Corporation SAM3N Datasheet HTML 12Page - ATMEL Corporation SAM3N Datasheet HTML 13Page - ATMEL Corporation SAM3N Datasheet HTML 14Page - ATMEL Corporation SAM3N Datasheet HTML 15Page - ATMEL Corporation SAM3N Datasheet HTML 16Page - ATMEL Corporation SAM3N Datasheet HTML 17Page - ATMEL Corporation SAM3N Datasheet HTML 18Page - ATMEL Corporation SAM3N Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
ASF
•
Issue #ASFP-3595: ASF includes its own SAM header files set which is not synchronized with the latest header
files from Atmel Studio 6.1 toolchain.
The Atmel Studio 6.1beta header files set for SAM devices is not backward compatible with the Atmel
Studio 6.0 header files set.
ASF SAM drivers are using their own set of header files (from sam/utils/cmsis/sam*/include) and are
not compatible with the Atmel Studio 6.1beta header files.
SAM drivers will be ported to the new Atmel Studio 6.1beta header files set in a later ASF release.
•
Issue #ASFP-4502: Some standalone ASF applications in Application Builder do not work.
The following ASF modules are not available as standalone in the "Select Drivers from the ASF" menu,
but only as examples: XMEGA Sleep Manager and ADC driver, AVR UC3 USB Stack from ASF v1,
ECC Hamming, TLV320AIC23B codec,FAT file system with play list support, Joystick interface (5-
way), MEMORY - EBI SDRAM Controller, MEMORY - MCI - MultiMedia Card Interface, MEMORY -
SD/MMC card access using MCI, MEMORY - SD/MMC card access using SPI, MEMORY - NAND
Flash on EBI, MEMORY - AT45DBX DataFlash, TOUCH - AT42QT1060 QTouch 6-channel sensor,
MEMS Sensors - Accelerometer LIS3L06AL, TIMING - CS2200 Clock Synthesizer, LodePNG,
FreeRTOS minimal, lwIP, Micrium uC/OSII, H&D Wi-Fi SPB Firmware Download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19