Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI6C2516 Fiches technique(PDF) 5 Page - Pericom Semiconductor Corporation

No de pièce PI6C2516
Description  Phase-Locked Loop Clock Driver with 16 Clock Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2516 Fiches technique(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2516 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2516 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2516
Phase-Locked Loop Clock Driver
with 16 Clock Outputs
5
PS8440C
07/24/01
r
e
t
e
m
a
r
a
P
m
o
r
F
)t
u
p
n
I
(
o
T
)t
u
p
t
u
O
(
V C
C
V
5
6
1
.
0
±
V
3
.
3
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
M
t es
a
h
p
r
o
rr
eN
I
K
L
C
z
H
M
0
0
1
=N
I
B
F
0
5
1
–0
7
1
+
s
p
t
)
O
(
k
s
)
2
(
T
U
O
B
F
r
o
Y
y
n
A
T
U
O
B
F
r
o
Y
y
n
A
0
0
2
r
e
tt
i
J
)
k
p
-
k
p
(
)
z
H
M
6
6
>
N
I
K
L
C
(
F0
0
1
–0
0
1
el
c
y
c
y
t
u
D
N
I
K
L
C
(
F
)
z
H
M
6
65
45
5
%
)
z
H
M
6
6
>
N
I
K
L
C
(
F5
45
5
tr
z
H
M
0
5
1
o
t
0
5
=
N
I
K
L
C
%
0
8
o
t
%
0
2
m
o
rf
3
.
11
.
27
.
01
.
2
s
n
tf
7
.
15
.
22
.
15
.
2
SwitchingCharacteristics
(Over Recommended Ranges of Supply Voltage and Operating Free-Air Temperature, CL = 22pF) (1,3)
Notes:
1. These parameters are not production tested.
2. The tsk(O) specification is only valid for equal loading of all outputs.
3. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
Notes:
1. Operating Clock Frequency indicates a range over which the PLL must be able to lock, but in which it is not
required to meet the other timing parameters (used for low-speed system debug).
2. Application Clock Frequency indicates a range over which the PLL must meet all of the timing parameters.
3. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications
for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable.
4. Frequency and loading condition should not exceed 0.85 watt power dissipation (package limitation). Please refer to Graph 1.
Timing Requirements (Over Recommended Ranges of Supply Voltage and Operating Free-Air Temperature)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
F
P
O
K
L
C
y
c
n
e
u
q
e
rf
k
c
o
l
c
r
o
t
a
r
e
p
O
)
1
(
5
20
5
1
z
H
M
t
P
P
A
K
L
C
y
c
n
e
u
q
e
rf
k
c
o
l
c
n
o
it
a
ci
l
p
p
A
)
4
,
2
(
63
3
1
t
N
O
I
T
A
Z
I
L
I
L
B
A
T
S
p
u
r
e
w
o
p
r
e
tf
a
e
m
it
n
o
it
a
zi
li
b
a
t
S
)
3
(
–1
s
m
D I
Y
C
el
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
0
Clock Frequency (MHz)
0
50
Load = 22pF
Load = 10pF
100
150
200
250
300
350
50
100
150
Graph 1. Dynamic Current vs. Clock Frequency (VCC = 3.6V, TA = 25°C)



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com