Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F-RF-R Fiches technique(PDF) 2 Page - THOR communications

No de pièce F-RF-R
Description  Installation and User Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THOR [THOR communications]
Site Internet  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-R Fiches technique(HTML) 2 Page - THOR communications

  F-RF-R Datasheet HTML 1Page - THOR communications F-RF-R Datasheet HTML 2Page - THOR communications F-RF-R Datasheet HTML 3Page - THOR communications F-RF-R Datasheet HTML 4Page - THOR communications F-RF-R Datasheet HTML 5Page - THOR communications F-RF-R Datasheet HTML 6Page - THOR communications F-RF-R Datasheet HTML 7Page - THOR communications F-RF-R Datasheet HTML 8Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OPTICAL RECEIVER
Caution
These servicing instructions are for use by qualified personnel only. To reduce the
risk of electrical shock, please do not perform any serving other than that
contained in the installation manual unless you are qualified to do so. Refer all
servicing to qualified service personnel.
1. GENERAL DESCIPTION
F-RF-RXR is an advanced broadband optical receiver designed to HFC network architectures
It converts the optical signal to RF signal on forward path.
2. FEATURES
(1) RF bandwidth 45-862MHz
(2) Pre-Amplifier compatible
(3) Optical Receiving Module
(4) There is a Low-power alarm Indicator, Power Indicator, Optical Power monitor.
(5) RF test points on the front Panel



Html Pages

1 2 3 4 5 6 7 8