Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA84C441 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 3Page - NXP Semiconductors PCA84C441 Datasheet HTML 4Page - NXP Semiconductors PCA84C441 Datasheet HTML 5Page - NXP Semiconductors PCA84C441 Datasheet HTML 6Page - NXP Semiconductors PCA84C441 Datasheet HTML 7Page - NXP Semiconductors PCA84C441 Datasheet HTML 8Page - NXP Semiconductors PCA84C441 Datasheet HTML 9Page - NXP Semiconductors PCA84C441 Datasheet HTML 10Page - NXP Semiconductors PCA84C441 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Table 2
Differences between the types PCA84C44X, PCA84C64X and PCA84C84X
In this table: yes = available; no = not available.
FEATURE
PCA...
84C440 84C441 84C443 84C444 84C640 84C641 84C643 84C644 84C840 84C841 84C843 84C844
OSD oscillator
RC
LC
RC
LC
RC
LC
RC
LC
RC
LC
RC
LC
General purpose I/O lines 18
17
18
17
18
17
18
17
18
17
18
17
I2C-bus interface
yes
yes
no
no
yes
yes
no
no
yes
yes
no
no
ROM
4 kbytes
6 kbytes
8 kbytes
RAM
128 bytes
128 bytes
192 bytes
Pin assignment
Pin 29
T1
DOSC2
T1
DOSC2 T1
DOSC2
T1
DOSC2 T1
DOSC2
T1
DOSC2
Pin 34
DP1.4
T1
DP1.4
T1
DP1.4
T1
DP1.4
T1
DP1.4
T1
DP1.4
T1
Register DP1 (bit DP1.4)
Pin
yes
no
yes
no
yes
no
yes
no
yes
no
yes
no
Latch
yes
no
yes
no
yes
no
yes
no
yes
no
yes
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40