Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny45 Fiches technique(PDF) 14 Page - ATMEL Corporation

No de pièce ATtiny45
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Fiches technique(HTML) 14 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 10Page - ATMEL Corporation ATtiny45 Datasheet HTML 11Page - ATMEL Corporation ATtiny45 Datasheet HTML 12Page - ATMEL Corporation ATtiny45 Datasheet HTML 13Page - ATMEL Corporation ATtiny45 Datasheet HTML 14Page - ATMEL Corporation ATtiny45 Datasheet HTML 15Page - ATMEL Corporation ATtiny45 Datasheet HTML 16Page - ATMEL Corporation ATtiny45 Datasheet HTML 17Page - ATMEL Corporation ATtiny45 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
© 2013 / www.atmel.com
14
Automotive RF Solutions
Car Access
Having launched its first dedicated car access Atmel
continues to recognize the importance of security in
the automotive area. Atmel offers a comprehensive
range of car access solutions from immobilizers to
full-duplex transceivers perfect for the prevention of
automotive theft. The Atmel automotive safety
Watchdog ICs
Stand-alone Body Electronic ICs
portfolio also features extremely secure Passive Entry Go
(PEG) solutions. In fact, Atmel provides all the devices
needed to design a complete car access system. Customers
have the flexibility to create their own dedicated designs
using the low-power Atmel transmitter IC, receiver IC,
and microcontroller families.
Part No.
Description
Package
ATA6020
Watchdog IC, Programmable via Metal Mask (Based on the Atmel ATAR080 Microcontroller)
SO20
ATA5021
Watchdog Timer, Active and Sleep Mode, 1 Wake-up Input, Enable Output
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20