| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny44 Fiches technique(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny44 Fiches technique(HTML) 4 Page - ATMEL Corporation |
|
4 / 20 page ![]() 4 © 2013 / www.atmel.com Atmel Capacitive Touch Solutions For HMI and Car Infotainment Applications Capacitive touch solutions are entering the automotive market in integrated centerstacks, touch panels, navigation systems and radio HMI solutions. Atmel offers hardware and software library solutions for touch buttons, sliders and wheels as well as a sophisticated touchscreen controller portfolio addressing screens and pads of all common sizes up to 12 inches and more. All touch controllers are based on Atmel’s market-leading and patented charge transfer technology. They provide dedicated functionalities that meet the specific automotive requirements, such as high-temperature behavior, reliable operation in harsh environments and gloved operation. The maXTouch® family comprises 6 touchscreen controllers with 143 to 768 nodes addressing different screen sizes, aspect ratios and sensor pitches. They deliver the X/Y coordinates of up to 16 touches via the I2C interface. |