Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny24 Fiches technique(PDF) 19 Page - ATMEL Corporation

No de pièce ATtiny24
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24 Fiches technique(HTML) 19 Page - ATMEL Corporation

Back Button ATtiny24 Datasheet HTML 12Page - ATMEL Corporation ATtiny24 Datasheet HTML 13Page - ATMEL Corporation ATtiny24 Datasheet HTML 14Page - ATMEL Corporation ATtiny24 Datasheet HTML 15Page - ATMEL Corporation ATtiny24 Datasheet HTML 16Page - ATMEL Corporation ATtiny24 Datasheet HTML 17Page - ATMEL Corporation ATtiny24 Datasheet HTML 18Page - ATMEL Corporation ATtiny24 Datasheet HTML 19Page - ATMEL Corporation ATtiny24 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Atmel Automotive Solutions
19
Atmel Automotive Solutions
Atmel has over 30 years experience in designing broad-
cast radio solutions. The company’s in-depth know-how
and high quality standards (ISO9001 and ISO16949)
make it possible to achieve the stringent quality and
performance requirements of the car radio market.
Active Antenna ICs
Atmel Car Radio Solutions
Today, Atmel is recognized for offering IC solutions with
maximum performance, flexibility and integration levels
required for the rapidly expanding AM/FM active antenna
market. Atmel antenna devices can be used in any antenna
regardless of design type—pole, shark fin, short pole or
glass/window antenna.
Part No.
Description
Package
ATR4251C
Low-noise AM/FM Antenna Amplifier with AGC Function at AM and FM, and Large
AM Frequency Range
SSO20
QFN24
ATR4252C
All-in-one IC Solution for Active Antennas
QFN28
ATR4253C
Integrated Circuit Solution for Active Antennas (FM, DAB, DVB-T, ISDB-T)
QFN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20