Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega103 Fiches technique(PDF) 41 Page - ATMEL Corporation

No de pièce ATmega103
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega103 Fiches technique(HTML) 41 Page - ATMEL Corporation

Back Button ATmega103 Datasheet HTML 37Page - ATMEL Corporation ATmega103 Datasheet HTML 38Page - ATMEL Corporation ATmega103 Datasheet HTML 39Page - ATMEL Corporation ATmega103 Datasheet HTML 40Page - ATMEL Corporation ATmega103 Datasheet HTML 41Page - ATMEL Corporation ATmega103 Datasheet HTML 42Page - ATMEL Corporation ATmega103 Datasheet HTML 43Page - ATMEL Corporation ATmega103 Datasheet HTML 44Page - ATMEL Corporation ATmega103 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
AVR STK500 User Guide
5-1
Rev. 1925C–AVR–3/03
Section 5
Using AVR Studio
5.1
Windows
Software
In this section, the supporting software for STK500 will be presented and an in-depth
description of the available programming options is given.
5.2
Starting the
Windows
Software
The software used for communicating with the STK500 development board is included
in AVR Studio, version 3.2 and higher. For information on how to install this software,
please see Section 4 on page 4-1. Once installed, AVR Studio can be started by double-
clicking on the AVR Studio icon. If default install options are used, the program is
located in the Windows “Start menu
→ Programs → Atmel AVR Tools” folder.
5.2.1
Starting STK500
Pressing the “AVR” button on the AVR Studio toolbar will start the STK500 user inter-
face as shown in Figure 5-1.
Figure 5-1. AVR Studio with STK500 User Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61