Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega323 Fiches technique(PDF) 13 Page - ATMEL Corporation

No de pièce ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Fiches technique(HTML) 13 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 9Page - ATMEL Corporation ATmega323 Datasheet HTML 10Page - ATMEL Corporation ATmega323 Datasheet HTML 11Page - ATMEL Corporation ATmega323 Datasheet HTML 12Page - ATMEL Corporation ATmega323 Datasheet HTML 13Page - ATMEL Corporation ATmega323 Datasheet HTML 14Page - ATMEL Corporation ATmega323 Datasheet HTML 15Page - ATMEL Corporation ATmega323 Datasheet HTML 16Page - ATMEL Corporation ATmega323 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-3
1925C–AVR–3/03
3.3
Connection of
LEDs and
Switches
Figure 3-4. Connection of LEDs and Switches to I/O Port Headers
Any I/O port of the AVR can be connected to the LEDs and switches using the 10-wire
cables. The headers are supplied with VTG (target V
CC) and GND lines in addition to the
signal lines.
3.4
Port Connectors
The pinout for the I/O port headers is explained in Figure 3-5. The square marking indi-
cates pin 1.
Figure 3-5. General Pinout of I/O Port Headers
The PORTE/AUX header has some special signals and functions in addition to the
PORTE pins. The pinout of this header is shown in Figure 3-6.
Px1
Px3
Px5
Px7
VTG
Px0
Px2
Px4
Px6
GND
1 2
PORTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61